Part Number Hot Search : 
R2000F SI535 10H100CT 01CA3AKR ICS1708 MC14081 PNA3202 G4PH40U
Product Description
Full Text Search
 

To Download EPC1195G-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
500 mW DC/DC Converter
ELECTRONICS INC.
EPC1195G-X
* Unregulated DC/DC Converter * Input/Output Isolation : 1000 Vrms * Very High Efficiency : 80%-85% Typ. * Operating Temperature : 0C to +70C * UL1446 Class B Insulating System * UL94V-0 Recognized Materials * With On/Off Remote
Electrical Specifications
PCA Part Numbers EPC1195G-1 EPC1195G-2 EPC1195G-3 EPC1195G-4 EPC1195G-5 EPC1195G-6
V In Volts ( 10%) 5.0 5.0 5.0 5.0 5.0 5.0
V Out Volts 5.0 6.5 9.0 12.0 15.0 24.0
I Out (mA Max.) 100 77 56 42 34 21
Ripple & Noise (mV p-p) Typ. Max. 18.0 16.5 16.0 15.5 12.0 12.0 25.0 25.0 25.0 25.0 25.0 25.0
Input Ripple Current (mA p-p) Max. Typ. 8.5 8.5 8.0 8.0 9.5 11.0 15.0 15.0 15.0 15.0 15.0 20.0
Efficiency (% Typ.) @ Full Load 80 83 85 85 84 82
Input/Output Isolation (Vrms) 1000 1000 1000 1000 1000 1000
Notes : 1. Voltage Accuracy : -3% Typ. @ Maximum Load 2. Input Filter : Capacitor 3. Line Voltage Regulation : 1%/% (Output Voltage Change Percentage/Input Voltage Change Percentage) 4. Load Voltage Regulation (10% to 100% Full Load) : +15% Max., -5% Max. for 5.0 V, 6.5 V, +12% Max., -5% Max. for 9.0 V, 12 V, 15 V, 24 V Out 5. Short Circuit Duration : 1 Second 6. Output Ripple Filtering : Simple 33 KHz L/C Filter can be added to reduce Output Ripple & Noise to 2 mV p-p 7. Minimum Load Requirement : 10% 8. Absolute Maximum Rating : V In = 7.0 Volt Max. 9. Input Current @ 0% Load : 2.5 mA Typ. 10. Load Voltage Regulation @ 0% Load : +25% Max. for 5.0 V, 6.5 V, 9.0 V, 12 V Out + 20% Max. for 15 V, 24 V Out 11. For Normal Operations : Short Pins 2 & 4, Connect Pins 1& 4 for shutdown
Package
.490 (12.45)
Pin Connections
.300 (7.62) N/C
8
-V Out +V Out
6 5
PCA EPC1195G-X D.C. Pin 1 I.D. .100 (2.54)
.295 (7.49)
.435 (11.05)
Solder Pad Layout
.075 (1.91)
1
DC/DC
2 4
+V In .030 (.762)
-V In
On/Off Remote
.187 (4.75)
.010/.015 (.254/.381)
0-8
.010 (.254)
.019 (.480)
.200 (5.08)
.035 (.889) .405 10.29)
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC1195G-X Rev. 2 6/1/05 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of EPC1195G-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X